PART |
Description |
Maker |
TRSL-9110FAW TRSL-9110FW |
3.3V / 1310 nm / 2.125 Gbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER 3.3 / 1310海里/ 2.125 Gbps的准系统立法X10单模收发
|
Optoway Technology, Inc.
|
TRSL-9110FAG TRSL-9110FG |
3.3V / 1310 nm / 2.125 Gbps SFF LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPS-9140AFG SPS-9140BFG SPS-9140FG08 |
3.3V / 1310 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPS-9140FG |
3.3V / 1310 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
ZL60003TBD ZL60006TED ZL60006_TDD ZL60006_TBD ZL60 |
1310 nm, 1550 nm 622 Mbps PIN with preamplifier. RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps 1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier 1310nm, 1550nm 622Mbps PIN with Preamplifier
|
ZARLINK[Zarlink Semiconductor Inc]
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
GBS-9040FG |
5V / 1310 nm / 2.125 Gb/s Signle-Mode Gigabit Interface Converter (GBIC) 5V 1310海里/ 2.125 Gb / s的Signle模式千兆位接口转换器(GBIC
|
Optoway Technology Inc.
|
GBS-9010F GBS-9010FG |
5V / 1310 nm / 2.125 Gb/s Signle-Mode Gigabit Interface Converter (GBIC) 5V 1310海里/ 2.125 Gb / sSignle模式千兆位接口转换器(GBIC
|
Optoway Technology Inc. TE Connectivity, Ltd.
|
SPS-9115G08 |
3.3V / 1310 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
|
Optoway Technology Inc
|
SPB-8840LG |
1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps 1-Fiber SM LC SFP Transceiver
|
Optoway Technology Inc
|
SPB-8820LG SPB-8820BLG |
1310 nm TX / 1490 nm RX , 3.3V / 4.25 Gbps 1-Fiber SM LC SFP Transceiver
|
http:// Optoway Technology Inc
|